|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PL IA NT Features Single pole/double throw Compatible with most surface mount manufacturing processes 50 or 2000 cycle rotational life Tape and reel packaged Withstands 245 soldering heat *R oH S CO M RoHS compliant* 7813 SMD 3 mm Square Sealed Rotary Switch U.S. Patent No. 5043695 Electrical Characteristics Contact Rating Maximum Current ...........100 mA max. Maximum Voltage .........................16 V Contact Timing...................Non-shorting Contact Resistance ............2 ohms max. Insulation Resistance ..............................100 megohms min. Dielectric Strength ....................250 VAC General Characteristics Switch Type ...................................SPDT Operating Temperature Range ................................-55 C to +125 C Storage Temperature Range ................................-55 C to +125 C Seal Test .......................85 C Fluorinert Mechanical Characteristics Positions ...............................................2 Adjustment Torque........... .5 N-cm max. Stop Strength ...................1.8 N-cm min. Environmental Characteristics Shock ..............................................20 G 0.1 ms max. discontinuity Vibration ........................................100 G 0.1 ms max. discontinuity Thermal Shock .........................(5 cycles) -55 C to +125 C Humidity Insulation Resistance ................................10 megohms min. Rotational Life -051 ......................................50 Cycles -023 ..................................2000 Cycles Max. Soldering Heat ...................245 C, 5 seconds Standard Packaging J ...................................1,000 pcs./reel S ......................................200 pcs./reel How to Order Product Dimensions 7813J C 3.5 (.138) 7813S 3.5 (.138) ADJUSTMENT SLOT 0.51 WIDE (.020) 1.93 X LONG (.076) CCW X 0 K 3.02 (.119) CW 0.51 DEEP (.020) 1.3 (.051) 0.9 (.035) 2 PLCS 0.9 (.035) 0.65 2 PLCS (.026) 2.25 (.089) 2.2 (.087) 1 3 2 ADJUSTMENT SLOT 1.93 0.03 LONG X 0.52 0.03 (.076 .001) (.021 .001) 0.51 0.06 WIDE X DEEP (.020 .002) 2.39 (.094) 0.71 0.20 (.028 .008) 0.61 0.20 (.024 .008) TYP 3.71 (.146) 1.15 TYP (.045) 2.77 (.109) 3.61 (.142) 0.15 (.006) 5.35 (.211) 1.30 (.051) 1.6 (.063) 0.6 (.024) 1.6 (.063) 1.1 (.043) 1.6 (.063) 0.65 (.026) 0.65 (.026) 1.1 (.043) 4.5 (.177) 0.15 0.03 (.006 .001) 2.39 (.094) 1.12 2 PLCS (.044) 1.57 (.062) 3 PLCS 1.57 (.062) RECOMMENDED LAND PATTERN 2.62 (.103) 7813 J - 1 - 051 E Model Terminal Switch Type 1 = SPDT Rotational Life -051 = 50 Cycles -023 = 2000 Cycles Embossed Tape E = 1000 Pcs./180 mm Reel (J Style) 200 Pcs./180 mm Reel (S Style) DIMENSIONS ARE: MM (INCHES) TOLERANCES: .2 EXCEPT WHERE NOTED. C 2 CCW 3 1 CW *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. "Fluorinert" is a registered trademark of 3M Co. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. 7813 SMD 3 mm Square Sealed Rotary Switch Packaging Specifications 7813J 4.0 0.1 (.157 .004) Reflow Soldering Profile 7813S 5.80 0.10 (.228 .004) 275 225 Temperature (C) 175 125 120 C 75 30-40 Sec. 25 0 20 40 60 10-15 Sec. 80-90 Sec. 35-60 Sec. 240 C 180 C 2.5 0.1 (.098 .004) 0.40 MAX (.016) .30 0.1 (.012 .004) 5.52 0.18 (.217 .007) 4.0 0.1 (.157 .004) 4.20 0.20 (.165 .008) 5 2 16.00 0.30 (.630 .012) 7.50 0.10 (.295 .004) 1.5 0.20 DIA. (.059 .008) 80 100 120 140 160 180 200 Time (Seconds) 2.0 0.1 (.079 .004) 1.5 0.1 (.059 .004) 1.5 0.2 (.059 .008) 1.75 0.10 (.069 .004) 12.0 0.2 (.472 .008) TAPE 2.00 0.10 (.079 .004) 3.8 0.2 (.150 .008) 12.00 0.10 (.472 .004) 4.00 0.10 (.157 .004) 1.5 + 0.10 DIA. (.059 + .004) 180.0 5 DIA. (7.087 .197) 2.67 .25 (.105 .010) TAPE 1.78 .254 (0.07 0.01) EQUAL SPACED 3 PLCS. 13.00 5.08 (0.51 0.02) DIA. 4.10 0.20 (.161 .008) 21.01 .787 (0.83 0.03) DIA. 2.67 .254 (0.11 0.01) EQUAL SPACED 3 PLCS. 1.78 (.070) MIN. 60.0 2.0 (2.362 .079) 59.18 2.03 (2.33 0.08) 13.0 0.51 (.512 .020) DIA. 21.01 0.79 (.827 .031) REEL 12.40 + 2.00/ -.000 (.488 = .079/ -.000) 177.8 2.03 DIA. (7.0 0.08) REEL Meets EIA 481 Meets EIA 481 16.4 + 2.0/ -.00 (0.65 + 0.08/ -00) REV. 09/04 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |
Price & Availability of 7813J-1-051E |